Part Number Hot Search : 
6KE15C N74AC 08775 016ZL2R SMAJ4744 TA170 AUK11M48 MC3406
Product Description
Full Text Search
 

To Download 2SC4829 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4829
Silicon NPN Epitaxial
Application
High frequency amplifier
Features
* High frequency characteristics fT = 1100 MHz Typ * High voltage and small output capacitance VCEO = 100 V, Cob = 4.2 pF Typ * Suitable for wide band video amplifier
Outline
2SC4829
Ordering Information
hFE 2SC4829B 2SC4829C 60 to 120 100 to 200
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC iC (peak) PC Tj Tstg Ratings 100 100 3 0.2 0.5 0.9 150 -55 to +150 Unit V V V A A W C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter cutoff current Collector cutoff current DC current transfer ratio 2SC4829B 2SC4829C Base to emitter voltage Collector to emitter saturation voltage Gain bandwidth product Collector output capacitance Symbol V(BR)CBO V(BR)CEO I EBO I CBO hFE hFE VBE VCE(sat) fT Cob Min 100 100 -- -- 60 100 -- -- 800 -- Typ -- -- -- -- -- -- -- -- 1100 4.2 Max -- -- 10 1.0 120 200 1.0 1.0 -- 6.0 V V MHz pF VCE = 10 V, IC = 10 mA I C = 100 mA, IB = 10 mA VCE = 10 V, IE = 100 mA VCB = 30 V, IE = 0, f = 1 MHz Unit V V A A Test conditions I C = 10 A, IE = 0 I C = 1 mA, RBE = VEB = 3 V, IC = 0 VCB = 80 V, IE = 0 VCE = 10 V, IC = 10 mA
2
2SC4829
3
2SC4829
4
2SC4829
5
2SC4829
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
6


▲Up To Search▲   

 
Price & Availability of 2SC4829

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X